Part Number Hot Search : 
RT9627A 74HC17 R5050F RF501B2S KA3846 AP1684A SMCJ10 PC956L
Product Description
Full Text Search
 

To Download 87957-1004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/05/2010 please check www.molex.com for latest part information part number: 0879571004 status: active description: 2.50mm (.098") pitch header, right angle, through hole, 4 circuits, tin (sn) overall plating, tray packaging, lead-free documents: drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 87957 application board-to-board, wire-to-board product name n/a physical breakaway yes circuits (loaded) 4 circuits (maximum) 4 color - resin black first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none material - metal brass material - plating mating tin material - plating termination nickel material - resin nylon number of rows 1 orientation right angle pc tail length (in) 0.146 in pc tail length (mm) 3.71 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.098 in pitch - mating interface (mm) 2.50 mm pitch - term. interface (in) 0.098 in pitch - term. interface (mm) 2.50 mm plating min: mating (in) 200 plating min: mating (m) 5.00 plating min: termination (in) 49 plating min: termination (m) 1.25 polarized to mating part no polarized to pcb no shrouded no stackable no surface mount compatible (smc) yes temperature range - operating -55c to +105c termination interface: style through hole electrical current - maximum per contact 3a voltage - maximum 250v series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87957 series mates with kk? 2.50mm (.098") crimp terminal housing
solder process data duration at max. process temperature (seconds) 14 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 265 material info reference - drawing numbers sales drawing sd-87957-010 this document was generated on 04/05/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 87957-1004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X